Part Number Hot Search : 
M318TCN BSD223P 74155 RMB4S L6227 RN1006 L6227 FOD07
Product Description
Full Text Search
 

To Download MKC03-12S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i s o l a t e d a n d r e g u l a t e d 3 wat t m o d u l a r d c / d c c o n v e r t e r s m k c 0 3 s e r i e s www.astrodyne. com astrodyne usa: 1-800-823-8082 astrodyne pa cific: 886-2-26983458 wide 2 : 1 input range pi input filter regulated outputs 500v isolation full emi shielding standard pinouts model number output voltage output mamps input range efficiency single output MKC03-12S05 5 vdc 500 9-18 vdc 77% mkc03-24s05 500 18-36 vdc 74% mkc03-48s05 500 36-72 vdc 74% mkc03-12s12 12 vdc 250 9-18 vdc 80% mkc03-24s12 250 18-36 vdc 78% mkc03-48s12 250 36-72 vdc 78% mkc03-12s15 15 vdc 200 9-18 vdc 80% mkc03-24s15 200 18-36 vdc 79% mkc03-48s15 200 36-72 vdc 80% dual output mkc03-12d05 +/-5 vdc +/-250 9-18 vdc 76% mkc03-24d05 +/-250 18-36 vdc 74% mkc03-48d05 +/-250 36-72 vdc 74% mkc03-12d12 +/-12 vdc +/-125 9-18 vdc 80% mkc03-24d12 +/-125 18-36 vdc 78% mkc03-48d12 +/-125 36-72 vdc 77% mkc03-12d15 +/-15 vdc +/-100 9-18 vdc 80% mkc03-24d15 +/-100 18-36 vdc 78% mkc03-48d15 +/-100 36-72 vdc 77% unit measures 0.8w x 1.25l x 0.4h
i s o l a t e d a n d r e g u l a t e d 3 wat t m o d u l a r d c / d c c o n v e r t e r s m k c 0 3 s e r i e s www.astrodyne. com astrodyne usa: 1-800-823-8082 astrodyne pa cific: 886-2-26983458 input specific ations input voltage ranges: 12 vdc nominal 9-18 vdc 24 vdc nominal 18-36 vdc 48 vdc nominal 36-72 vdc input filter pi type output specific ations voltage and current see selection chart load regulation (singles/duals) +/- 0.2% / +/- 2% (25%-fl) line regulation +/- 0.2% temperature coefficient +/-0.02%/c ripple/noise(single/dual) 50mv pk-pk, typ voltage accuracy +/- 2%, typ voltage balance, dual outputs +/- 2%, typ short circuit protection continuous general spe cific ations input-out isolation 500vdc isolation resistance 10000 m ohms in/out capacitance 300 pf efficiency see selection chart switching frequency 300khz environm ental specific ations oper. temperature -25 to +71c(fl) * cooling free air convection storage temperature -55 to +125c * mtbf 3.069 mhrs mil-hdbk-217f ta=25c (fl) emi/rfi five-sided shielding physic al specific ations case material nickel-coated copper with non-conductive base construction fully encapsulated weight 0.6 oz, (16g) dimensions 1.25x0.80x0.40 * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all specifications are typical at nominal input, full load, and 25degc unless otherwise noted astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
i s o l a t e d a n d r e g u l a t e d 3 wat t m o d u l a r d c / d c c o n v e r t e r s m k c 0 3 s e r i e s www.astrodyne. com astrodyne usa: 1-800-823-8082 astrodyne pa cific: 886-2-26983458 output derating c urve mechanic al dimensions pin # single outputs dual outputs 1 + input + input 2 nc - output 3 nc common 10 - output common 11 + output + output 12 - input - input 13 - input - input 14 + output + output 15 - output common 22 nc common 23 nc - output 24 + input + input 0.01 x 0.02 (0 .2 5 x 0.50) rect angular pi n 24 15 14 13 23 22 3 2 1 10 11 12 ) 8 . 1 3 ( 5 2 . 1 0.60(15.2) 0.80(20.3) 0.40 (10.2) 0.15 (3.8 ) ) 9 . 2 2 ( 0 9 . 0 ) 5 . 2 ( 0 1 . 0 0.08(2.0) 50 60 70 80 90 100 -4 0 -25 0 -1 0 25 50 75 100 0 a mb ient temp er at ur e (oc) ) % ( r e w o p t u p t u o nature convection


▲Up To Search▲   

 
Price & Availability of MKC03-12S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X